Part Number Hot Search : 
VA2AUG HG240I 181VC MJ15001G MEH11ZAD AD5347 CS8430 TPCF8306
Product Description
Full Text Search
 

To Download BZY91C9V1R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zeners/Studs
BZY91 Series
FEATURES
* Voltage range 7.5 - 75 Volts * 5000 Watt peak pulse power * 100 Watt steady state @ 25C * 75 Watt steady state @ 65C * Glass passivated junction * 5000 Watt surge capability at 1 ms * Typically IR less than1 A above 10V * Excellent clamping capability * Stud cathode & stud anode * Operating temperature -55C to +175C * 100% tested
MECHANICAL CHARACTERISTICS
* Case: Hermetically sealed DO5 outline * Finish: All external surfaces are corrosion resistant and
AVAILABLE IN THE FOLLOWING CONFIGURATIONS
terminal solderable
* Polarity: Indicated by direction of zener symbol * Weight: 14 grammes excluding mounting kit (approx) * Torque Setting 30inch/lb
ELECTRICAL DATA
* Forward voltage Vf 1.5V max @ If 10A 300S square
wave pulse
* Vz measured with pulse 100S and duty cycle 0.001 * Rz determined with DC plus 10% superimposed AC @ 1KHz STUD CATHODE NORMAL
ORDERING INFORMATION BZY91C Voltage N = Stud Cathode Normal R = Stud Anode Reverse
STUD ANODE REVERSE
All dimensions in mm
322
w w w. l i t t e l f u s e . c o m
Zeners/Studs
BZY91 Series
100
100
Peak Pulse Power - Pp (kW)
Exponential wave-form 10 Square wave-pulse 1
Ptot max (W)
75
50
25
0.1 100ns
1s
10s
100s
1ms
10ms
0
-100
-50
0
50 Tmb (C)
100
150
200
7
ZENERS/STUDS
Pulse Time (tp)
Figure 1. Non-repetitive peak pulse power rating curve
Figure 2. Maximum total dissapation plotted against mounting base temp
ELECTRICAL SPECIFICATION @ Tamb 25C
Stud Cathode Part Number BZY91C7V5 BZY91C8V2 BZY91C9V1 BZY91C10* BZY91C11 BZY91C12* BZY91C13 BZY91C15* BZY91C16 BZY91C18 BZY91C20* BZY91C22 BZY91C24* BZY91C27 BZY91C30* BZY91C33* BZY91C36 BZY91C39* BZY91C43* BZY91C47 BZY91C51 BZY91C56* BZY91C62 BZY91C68 BZY91C75* Stud Anode Part Number BZY91C7V5R BZY91C8V2R BZY91C9V1R BZY91C10R BZY91C11R BZY91C12R BZY91C13R BZY91C15R* BZY91C16R BZY91C18R BZY91C20R BZY91C22R* BZY91C24R BZY91C27R* BZY91C30R BZY91C33R BZY91C36R BZY91C39R BZY91C43R BZY91C47R BZY91C51R BZY91C56R BZY91C62R* BZY91C68R BZY91C75R Zener Voltage VZ (Volts) @ IZ MIN 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.7 25.1 28.0 31.0 34.0 37.0 40.0 44.0 48.0 52.0 58.0 64.0 70.0 MAX 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.9 28.9 32.0 35.0 38.0 41.0 46.0 50.0 54.0 60.0 66.0 72.0 79.0 IZ (A) 5.0 5.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 Zener Resistance RZ () @ IZ Typ 0.04 0.06 0.08 0.08 0.08 0.10 0.10 0.12 0.12 0.14 0.16 0.16 0.18 0.20 0.22 0.24 0.26 0.28 0.30 0.34 0.36 0.4 0.44 0.48 0.51 Maximum Reverse Leakage IR @ VR Max 0.2 0.3 0.4 0.4 0.4 0.5 0.5 0.6 0.6 0.7 0.8 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.7 1.8 2.0 2.2 2.4 2.6 (mA) 5.0 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 (Volts) 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10.0 11.0 12.0 13.0 15.0 16.0 18.0 20.0 22.0 24.0 27.0 30.0 33.0 36.0 39.0 43.0 47.0 51.0
* Preferred voltages.
w w w. l i t t e l f u s e . c o m
323


▲Up To Search▲   

 
Price & Availability of BZY91C9V1R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X